Part Number Hot Search : 
WSB1151 CS3842 0C188 IDT74 OV7930 20022 MAX1822 FN3557
Product Description
Full Text Search
 

To Download FR607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR601 - FR607
6.0A FAST RECOVERY RECTIFIER Features
* * * * * Low Reverse Recovery Time Low Reverse Current Low Forward Voltage Drop High Current Capability Plastic Material: UL Flammability Classification Rating 94V-0
A
B
A
C
Mechanical Data
* * * * * Case: R-6, Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-202 Method 208 Polarity: Color Band Denotes Cathode Weight: 1.7 grams (approx.) Mounting Position: Any
R-6 Dim A B C D Min 25.4 8.6 1.2 8.6
D
Max 3/4 9.1 1.3 9.1
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Characteristic Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking voltage Maximum Average Forward Rectified Current 9.5mm Lead Length @ TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 6.0A DC Maximum DC Reverse Current at Rated Blocking Voltage @ TA = 25C Maximum Full Load Reverse Current Full Cycle Average 9.5mm lead length @ TL = 55C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range Symbol VRRM VRMS VDC I(AV) IFSM VF IR IR Trr CJ TJ, TSTG FR 601 50 35 50
@ TA = 25C unless otherwise specified. FR 602 100 70 100 FR 603 200 140 200 FR 604 400 280 400 6.0 300 1.3 10 150 150 200 -65 to +175 250 500 FR 605 600 420 600 FR 606 800 560 800 FR 607 1000 700 1000 Unit V V V A A V mA mA ns pF C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A 2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
DS26004 Rev. C1-3
1 of 2
FR601-FR607
IFsm, PEAK FORWARD SURGE CURRENT (AMPERES)
8
I(AV), AVERAGE FORWARD CURRENT
600
8.3ms Single Half Sine-Wave JEDEC Method
6
500 400 300 200 100 0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 2, Max Non-Repetitive Peak Surge Current
4
2
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Typical Forward Current Derating Curve
IF, INSTANTANEOUS FORWARD CURRENT (AMPERES)
1000
IFSM, PEAK FORWARD SURGE CURRENT (AMPERES)
200
100
100
10
1
TJ = 25C Pulse Width = 300s 1% Duty Cycle
0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS) Fig. 3, Typical Instantaneous Forward Characteristics
10
1
10
100
NUMBER OF CYCLES AT 60Hz Fig. 4, Maximum Non-Repetitive Surge Current
DS26004 Rev. C1-3
2 of 2
FR601-FR607


▲Up To Search▲   

 
Price & Availability of FR607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X